Part Number Hot Search : 
MAS281 EL7104 NJM2524 22400 MX29LV MX29LV 12E629 PMB2728
Product Description
Full Text Search
 

To Download MBRF10U200CTA-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2012. 11. 28 1/1 semiconductor technical data mbrf10u200cta schottky barrier type diode revision no :1 switching mode power supply application. converter & chopper application. features h average output rectified current : i o =10a. h repetitive peak reverse voltage : v rrm =200v. h fast reverse recovery time : t rr =35ns. maximum rating (ta=25 ? ) 1. anode 2. cathode 3. anode to-220is (1) a a b b c c d d e e f f g g h h 1.47 max 1.47 max j j k k l m l n nn o o q r q r 123 m dim millimeters 10.16 0.2 + _ 15.87 0.2 + _ 2.54 0.2 + _ 0.8 0.1 + _ 3.18 0.1 + _ 0.5 0.1 + _ 3.23 0.1 + _ 13.0 0.5 + _ 2.54 0.2 + _ 4.7 0.2 + _ 6.68 0.2 + _ 2.76 0.2 + _ 3.3 0.1 + _ 12.57 0.2 + _ characteristic symbol rating unit repetitive peak reverse voltage v rrm 200 v average output rectified current (tc=118 ? ) (note) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 100 a junction temperature t j -40 q 150 ? storage temperature range t stg -55 q 150 ? note : average forward current of centertap full wave connection. 3 1 2 electrical characteristics (ta=25 ? ) characteristic symbol test condition min. typ. max. unit peak forward voltage (note) v fm i fm =5a - - 0.95 v repetitive peak reverse current (note) i rrm v rrm =rated - - 50 u reverse recovery time (note) t rr i f =1.0a, di/dt=-30a/ k - - 35 ns thermal resistance (note) r th(j-c) juction to case - - 4.5 ? /w note : a value of one cell
2012. 11. 28 2/2 mbrf10u200cta revision no :1 reverse voltage v r (v) i r - v r i f - v f forward voltage v f (v) forward current i f (a) 0 0.2 0.1 0.4 0.6 0.8 1.0 0 1 10 100 20 40 60 80 0.1 1 10 100 1000 10000 220 120 140 160 180 200 100 j t =25 c j t =75 c j t =25 c t =125 c j j t =75 c t =125 c j average forward current i f(av) (a) p f(av) (w) average forward current i f(av) (a) p f(av) - i f(av) average forward power dissipation i f - t c case temperature tc ( c) 0 0 0 100 120 110 130 140 150 4 8 rated voltage r =4.5 c/w jc dc applied 246 8 2 8 dc 4 6 12 16 10 10 reverse power dissipation p r (w) reverse voltage v r (v) p r - v r 0 0 50 100 150 0.6 0.2 0.4 200 0.8 thermal resistance r th ( ?/ w) r th(j-c) power time (s) 0 0.001 0.01 0.1 1 10 1 10 r =4.5 c/w th(j-c)


▲Up To Search▲   

 
Price & Availability of MBRF10U200CTA-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X